データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADDR23 データシート(PDF) 25 Page - List of Unclassifed Manufacturers

部品番号 ADDR23
部品情報  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR23 データシート(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button ADDR23 Datasheet HTML 21Page - List of Unclassifed Manufacturers ADDR23 Datasheet HTML 22Page - List of Unclassifed Manufacturers ADDR23 Datasheet HTML 23Page - List of Unclassifed Manufacturers ADDR23 Datasheet HTML 24Page - List of Unclassifed Manufacturers ADDR23 Datasheet HTML 25Page - List of Unclassifed Manufacturers ADDR23 Datasheet HTML 26Page - List of Unclassifed Manufacturers ADDR23 Datasheet HTML 27Page - List of Unclassifed Manufacturers ADDR23 Datasheet HTML 28Page - List of Unclassifed Manufacturers ADDR23 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
Serial controller
ww w.d i gi .c om
21
Serial controller
The NS7520 supports two independent universal asynchronous/synchronous receiver/transmitter
channels. Each channel supports these features:
Independent programmable bit-rate generator
UART and SPI (master) modes
High-speed data transfer:
–
x1 mode: 4Mbits/sec
–
x16 mode: 230 Kbits/sec
32–byte TX FIFO
32–byte RX FIFO
Programmable data format: 5–8 data bits; odd, even, or no parity; 1, 2 stop bits
Programmable channel modes: normal, local loopback, remote loopback
Control signal support
Maskable interrupt conditions:
–
Receive break detection
–
Receive framing error
–
Receive parity error
–
Receive overrun error
–
Receive FIFO ready
–
Receive FIFO half-full
–
Transmit FIFO ready
–
Transmit FIFO half-empty
–
CTS, DSR, DCD, RI state change detection
Clock/data encoding: NRZ, NRZB, NRZI, FM, Manchester
Multi-drop capable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68