| データシートサーチシステム |
|
EM73P968 データシート(PDF) 3 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM73P968 データシート(HTML) 3 Page - ELAN Microelectronics Corp |
|
3 / 53 page ![]() 3 * This specification are subject to be changed without notice. EM73P968 4-BIT MICRO-CONTROLLER FOR LCD PRODUCT 8.14.2001 Preliminary P8.1(TRGB)/WAKEUPB, I/O-R1 2-bit bidirection I/O port with timer/counter A, B external input and /DOUT IDLE/STOP releasing function P8.3(TRGA)/WAKEUPD P8.1/DOUT : data output for programming OTP mask option 1 : wakeup disable wakeup enable mask option 2 : low current push pull normal current push pull high current push pull none P6(0..3)/WAKEUP(20..23) I/O-R1 8-bit bidirection I/O port with IDLE/STOP releasing function. AIN (0..3) Share with A/D analog input pin. P7(0..3)/WAKEUP(24..27) mask option 1 : wakeup disable AIN (4..7) wakeup enable mask option 2 : low current push pull normal current push pull high current push pull none P4(0..3)/WAKEUP(12,15) I/O-R1 4-bit bidirection I/O port with IDLE/STOP releasing function mask option 1 : wakeup disable wakeup enable mask option 2 : low current push pull normal current push pull high current push pull none PIN DESCRIPTIONS Symbol Pin-type Function P8.0(INT1)/WAKEUPA I/O-R1 2-bit bidirection I/O port with external interrupt sources input and IDLE/ /DIN STOP releasing function P8.2(INT0)/WAKEUPC P8.0/DIN : data input for programming OTP mask option 1 : wakeup disable wakeup enable mask option 2 : low current push pull normal current push pull high current push pull none |