データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADDR13 データシート(PDF) 24 Page - List of Unclassifed Manufacturers

部品番号 ADDR13
部品情報  Figure 1 shows the NS7520 modules. Dashed lines indicate shared pins
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ADDR13 データシート(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button ADDR13 Datasheet HTML 20Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 21Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 22Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 23Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 24Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 25Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 26Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 27Page - List of Unclassifed Manufacturers ADDR13 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
Et he r n e t co n t r o l l e r
20
NS 75 20 Da ta shee t
03 /2 00 6
The MAC module interfaces to an external physical layer (PHY) device using the MII standard
defined by IEEE 802.3u. The MAC interface includes the MII clock and data signals.
Figure 4 shows a high-level block diagram of the EFE module, which provides the FIFO handling
interface between the NS7520 BBus and the MAC modules.
Figure 4: EFE module block diagram
512
byte
local
Transmit
FIFO
RX
filtering &
statistics
2K
byte
Local
Receive
FIFO
MAC TX interface
MAC RX interface
BBus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68