| データシートサーチシステム |
|
ADDR10 データシート(PDF) 25 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ADDR10 データシート(HTML) 25 Page - List of Unclassifed Manufacturers |
|
25 / 68 page ![]() Serial controller ww w.d i gi .c om 21 Serial controller The NS7520 supports two independent universal asynchronous/synchronous receiver/transmitter channels. Each channel supports these features: Independent programmable bit-rate generator UART and SPI (master) modes High-speed data transfer: – x1 mode: 4Mbits/sec – x16 mode: 230 Kbits/sec 32–byte TX FIFO 32–byte RX FIFO Programmable data format: 5–8 data bits; odd, even, or no parity; 1, 2 stop bits Programmable channel modes: normal, local loopback, remote loopback Control signal support Maskable interrupt conditions: – Receive break detection – Receive framing error – Receive parity error – Receive overrun error – Receive FIFO ready – Receive FIFO half-full – Transmit FIFO ready – Transmit FIFO half-empty – CTS, DSR, DCD, RI state change detection Clock/data encoding: NRZ, NRZB, NRZI, FM, Manchester Multi-drop capable |