データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ALVR01 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 ALVR01
部品情報  Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ALVR01 データシート(HTML) 1 Page - Vishay Siliconix

  ALVR01 Datasheet HTML 1Page - Vishay Siliconix ALVR01 Datasheet HTML 2Page - Vishay Siliconix ALVR01 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALSR, ALVR
www.vishay.com
Vishay Huntington
Revision: 24-Feb-12
1
Document Number: 31800
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Commercial Power,
Silicone Coated, Axial Lead
FEATURES
• High temperature coating (> 350 °C)
• All welded construction
• Available
with
“vitreous
like
appearance”
coating as ALVR
• Available in non-inductive styles with Ayrton-
Perry winding for lowest reactive components,
special “NI”
• Compliant to RoHS Directive 2011/65/EU
Note
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
Notes
(1) Vishay Huntington ALSR/ALVR models have two power ratings depending on operation temperature and stability requirements. Models not
available for characteristic V are: ALSR01, ALVR01, ALSR03, and ALVR03
(2) Other tolerances may be available, contact factory
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING (1)
P25 °C W
CHARACTERISTIC U + 250 °C
POWER RATING (1)
P25 °C W
CHARACTERISTIC V + 350 °C
RESISTANCE
RANGE
TOLERANCE (2)
%
WEIGHT
(typical)
g
ALSR01
ALSR-1
1
-
0.10 to 6.37K
1, 3, 5, 10
0.27
ALVR01
ALVR-1
1
-
0.10 to 6.37K
1, 3, 5, 10
0.27
ALSR03
ALSR-3
3
-
0.10 to 12K
1, 3, 5, 10
0.68
ALVR03
ALVR-3
3
-
0.10 to 12K
1, 3, 5, 10
0.68
ALSR5A
ALSR-5A
4
5
0.10 to 40.3K
1, 3, 5, 10
2.1
ALVR5A
ALVR-5A
4
5
0.10 to 40.3K
1, 3, 5, 10
2.1
ALSR05
ALSR-5
5
7
0.10 to 58.5K
1, 3, 5, 10
3.2
ALVR05
ALVR-5
5
7
0.10 to 58.5K
1, 3, 5, 10
3.2
ALSR10
ALSR-10
7
10
0.10 to 92K
1, 3, 5, 10
4.9
ALVR10
ALVR-10
7
10
0.10 to 92K
1, 3, 5, 10
4.9
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: ALSR0325R00FE12NI
GLOBAL MODEL
(6 digits)
VALUE
(5 digits)
TOLERANCE
(1 digit)
PACKAGING
(3 digits)
SPECIAL
(up to 2 digits)
(See Standard Electrical
Specifications Global
Model column for
options)
R = Decimal
K = Thousand
1R500 = 1.5
1K500 = 1.5 k
F = ± 1.0 %
H = ± 3.0 %
J = ± 5.0 %
K = ± 10.0 %
E07 = Tape/reel
(ALSR5A/ALVR5A, ALSR05/ALVR05)
E08 = Tape/reel (ALSR01/ALVR01)
E29 = Tape/reel (ALSR10/ALVR10)
E48 = Tape/reel (ALSR03/ALVR03)
E12 = Bulk, 100 pc boxes
(Dash Number)
From 1 to 99
as applicable
NI = Non inductive
Historical Part Number example: ALSR-3-25-1 %-NI
ALSR-3
25
1 %
NI
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE
SPECIAL
LS
R0
3
2
5
R0
0
F
E
1
A
2
N
I


同様の部品番号 - ALVR01

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
ALVR01 VISHAY-ALVR01 Datasheet
92Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
18-Feb-16
More results

同様の説明 - ALVR01

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
RS02C1R000BB12 VISHAY-RS02C1R000BB12 Datasheet
199Kb / 4P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
09-Jan-12
RS121R000BB12 VISHAY-RS121R000BB12 Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
RSNS VISHAY-RSNS Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
RS010200R0FB12 VISHAY-RS010200R0FB12 Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
NS02BR5000FE12 VISHAY-NS02BR5000FE12 Datasheet
189Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
18-Feb-16
MRP VISHAY-MRP Datasheet
87Kb / 3P
Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
07-May-12
MRB VISHAY-MRB Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
07-May-12
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com