データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ALVR10 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 ALVR10
部品情報  Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ALVR10 データシート(HTML) 2 Page - Vishay Siliconix

  ALVR10 Datasheet HTML 1Page - Vishay Siliconix ALVR10 Datasheet HTML 2Page - Vishay Siliconix ALVR10 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ALSR, ALVR
www.vishay.com
Vishay Huntington
Revision: 24-Feb-12
2
Document Number: 31800
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches [millimeters]
MATERIAL SPECIFICATIONS
Element: Copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: Ceramic: Steatite or alumina, depending on physical
size
End Caps: Stainless steel
Coating: Special high temperature silicone or special
formula of “vitreous like appearance” coating on ALVR
Terminals: Tinned Copper clad steel
Part Marking: HEI, model, value, tolerance, date code
DERATING
GLOBAL MODEL
DIMENSIONS in inches [millimeters]
L
± 0.032 [0.813]
D
± 0.032 [0.813]
LD
± 0.002 [0.051]
ALSR01
0.385 [9.8]
0.110 [2.8]
0.020 [0.5]
ALVR01
0.437 [11.1]
0.125 [3.2]
0.020 [0.5]
ALSR03
0.530 [13.5]
0.200 [5.1]
0.032 [0.8]
ALVR03
0.563 [14.3]
0.218 [5.5]
0.032 [0.8]
ALSR5A
0.937 [23.8]
0.200 [5.1]
0.032 [0.8]
ALVR5A
1.031 [26.2]
0.218 [5.5]
0.032 [0.8]
ALSR05
0.937 [23.8]
0.312 [7.9]
0.032 [0.8]
ALVR05
1.031 [26.2]
0.343 [8.7]
0.032 [0.8]
ALSR10
1.800 [45.7]
0.312 [7.9]
0.032 [0.8]
ALVR10
1.843 [46.8]
0.343 [8.7]
0.032 [0.8]
1.50 [38.10]
min.
L
D
LD
AMBIENT TEMPERATURE IN °C
120
100
80
60
40
20
0
25
- 65
- 50
250
100
50
300
350
0
200
150
Characteristic U
Characteristic V
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 30 for 10
 and above; ± 50 for 1  to 9.9 ; ± 90 for 0.5  to 0.99 
Terminal Strength
lb
10 minimum
Dielectric Withstanding Voltage
VAC
500 for 1 W and 1000 for 3 W and above
Operating Temperature Range
°C
Characteristic U = - 65 to + 250, characteristic V = - 65 to + 350
Maximum Working Voltage
V
(P x R)1/2
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
(CHARACTERISTIC V)
Thermal Shock
Rated power applied until thermally stable, then a minimum of 15 min at - 55 °C
± (2.0 % + 0.05
) > R
Short Time Overload
5 x rated power (3 W and smaller), 10 x rated power (4 W and larger) for 5 s
± (2.0 % + 0.05
) > R
Dielectric Withstanding
Voltage
500 VRMS, 1 min for 1 W and 1000 VRMS, 1 min for 3 W and above
± (0.1 % + 0.05
) > R
Low Temperature Storage
- 65 °C for 24 h
± (2.0 % + 0.05
) > R
High Temperature Exposure
250 h at U = + 250 °C, V = + 350 °C
± (4.0 % + 0.05
) > R
Mechanical Shock
MIL-STD-202 method 213, 100 g’s for 6 ms, 10 shocks
± (0.2 % + 0.05
) > R
Vibration
Frequency varied 10 Hz to 2000 Hz, 20 g peak, 2 directions 6 h each
± (0.2 % + 0.05
) > R
Load Life
2000 h at rated power, + 25 °C, 1.5 h “ON”, 0.5 h “OFF”
± (3.0 % + 0.05
) > R
Moisture Resistance
MIL-STD-202 method 106, 7b not applicable
± (2.0 % + 0.05
) > R



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com