データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1PS76SB21 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 1PS76SB21
部品情報  Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS76SB21 データシート(HTML) 7 Page - NXP Semiconductors

Back Button 1PS76SB21 Datasheet HTML 3Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 4Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 5Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 6Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 7Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 8Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 9Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 10Page - NXP Semiconductors 1PS76SB21 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1PS76SB21_BAT721_SER_6
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 06 — 21 December 2006
7 of 11
NXP Semiconductors
1PS76SB21; BAT721 series
Schottky barrier diodes in small packages
10. Soldering
Dimensions in mm
Fig 6.
Reflow soldering footprint SOD323 (SC-76)
Dimensions in mm
Fig 7.
Wave soldering footprint SOD323 (SC-76)
msa433
1.65
0.50
(2
×)
2.10
1.60
2.80
0.60
3.05
0.50
0.95
solder lands
solder resist
occupied area
solder paste
msa415
1.40
4.40
5.00
1.20
2.75
preferred transport direction during soldering
solder lands
solder resist
occupied area



Html Pages

1 2 3 4 5 6 7 8 9 10 11