| データシートサーチシステム |
|
EM84502 データシート(PDF) 12 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM84502 データシート(HTML) 12 Page - ELAN Microelectronics Corp |
|
12 / 12 page ![]() EM84502 PS/2 MOUSE CONTROLLER 12 * This specification are subject to be changed without notice. 6.18.1998 B ϑ eB D E1 B1 e L L1 A A1 F C E1 1 15 °(2X) 15 °(4X) 5 °(2X) 14 PDIP MIN. TYP. MAX. MIN. TYP. MAX. A - .130 - - 3.302 - A1 .059 .060 .061 1.499 1.524 1.549 B - .018 - - 0.457 - B1 - .060 - - 1.524 - C - .010 - - 0.254 - D .740 .750 .760 18.796 19.050 19304 E1 .259 .260 - 6.579 6.604 - F .290 .300 .310 7.366 7.620 7.874 L - .130 - - 3.302 - L1 - .020 - - 0.506 - e - .100 - - 2.540 - eB .345 .355 .365 8.763 9.017 9.271 ϑ 0 ° 7.5 ° 15 ° 0 ° 7.5 ° 15 ° Inches Milimeters Symbol |