| データシートサーチシステム |
|
EM78P458AP データシート(PDF) 44 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P458AP データシート(HTML) 44 Page - ELAN Microelectronics Corp |
|
44 / 76 page ![]() EM78P458/459 OTP ROM Address Name Reset Type Bit 7 Bit 4 Bit 2 Bit 1 Bit 0 Bit 6 Bit 5 Bit 3 Power-on 0 1 1 0 0 0 0 0 /RESET and WDT 0 1 1 0 0 0 0 0 (DT2H) Wake-up from Pin Changed P P P P P 0 P P Bit Name - - - - - - - - Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 N/A IOCB1 (PRD2) Wake-up from Pin Changed P P P P P P P P Bit Name Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Power-on 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 N/A IOCC1 (DL1L) Wake-up from Pin Changed P P P P P P P P Bit Name X X X X X X Bit1 Bit0 Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 N/A IOCD1 (DL1H) Wake-up from Pin Changed 0 0 0 0 0 0 P P Bit Name Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 N/A IOCE1 (DL2L) Wake-up from Pin Changed P P P P P P P P Bit Name X X X X X X Bit1 Bit0 Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 N/A IOCF1 (DL2H) Wake-up from Pin Changed 0 0 0 0 0 0 P P Bit Name INTE INT TS TE PAB PSR2 PSR1 PSR0 Power-on 1 0 1 1 1 1 1 1 /RESET and WDT 1 0 1 1 1 1 1 1 N/A CONT Wake-up from Pin Changed P P P P P P P P Bit Name - - - - - - - - Power-on U U U U U U U U /RESET and WDT P P P P P P P P 0x00 R0(IAR) Wake-up from Pin Changed P P P P P P P P Bit Name - - - - - - - - Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 0x01 R1(TCC) Wake-up from Pin Changed P P P P P P P P Bit Name - - - - - - - - Power-on 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 0x02 R2(PC) Wake-up from Pin Changed Jump to address 0x08 or continue to execute next instruction Bit Name GP2 PS1 PS0 T P Z DC C Power-on 0 0 0 1 1 U U U /RESET and WDT 0 0 0 t t P P P 0x03 R3(SR) Wake-up from Pin Changed P P P t t P P P Bit Name BS7 BS6 - - - - - - Power-on 0 0 U U U U U U /RESET and WDT 0 0 P P P P P P 0x04 R4(RSR) Wake-up from Pin Changed P P P P P P P P Bit Name P57 P56 P55 P54 P53 P52 P51 P50 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 0x05 P5 Wake-up from Pin Changed P P P P P P P P Bit Name P67 P66 P65 P64 P63 P62 P61 P60 Power-on 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 0x06 P6 Wake-up from Pin Changed P P P P P P P P Bit Name - - - - - - - - Power-on U U U U U U U U /RESET and WDT P P P P P P P P 0x7~0x8 R7~R8 Wake-up from Pin Changed P P P P P P P P Bit Name X X IOCS ADRUN ADPD ADAS2 ADAS1 ADAS0 Power-on 0 0 0 0 0 0 0 0 0x9 R9 (ADCON) /RESET and WDT 0 0 0 0 0 0 0 0 /RESET and WDT This specification is subject to change without prior notice. 06.25.2004 (V1.4) 44 |