| データシートサーチシステム |
|
EM78P458AM データシート(PDF) 3 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P458AM データシート(HTML) 3 Page - ELAN Microelectronics Corp |
|
3 / 76 page ![]() EM78P458/459 OTP ROM 1. GENERAL DESCRIPTION EM78P458 and EM78P459 are 8-bit microprocessors designed and developed with low-power and high-speed CMOS technology. It is equipped with a 4K*13-bit Electrical One Time Programmable Read Only Memory (OTP-ROM). With its OTP-ROM feature, it is able to offer a convenient way of developing and verifying user’s programs. Moreover, user can take advantage of EMC Writer to easily program his development code. This specification is subject to change without prior notice. 06.25.2004 (V1.4) 3 |