| データシートサーチシステム |
|
EM78P459AM データシート(PDF) 36 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P459AM データシート(HTML) 36 Page - ELAN Microelectronics Corp |
|
36 / 76 page ![]() EM78P458/459 OTP ROM ; - - IOCS ADRUN ADPD ADIS2 ADIS1 ADIS0 ADCONC== 0xA ; 7 6 5 4 3 2 1 0 ; VREFS X X IMS2 IMS1 IMS0 CKR1 CKR0 GCON == 0x9 ; 7 6 5 4 3 2 1 0 ; OPE2 OPE1 G22 G21 G20 G12 G11 G10 ;To define bits ;In ADCONR ADRUN == 0x4 ; ADC is executed as the bit is set ADPD == 0x3 ; Power Mode of ADC ORG 0 ; Initial address JMP INITIAL ; ORG 0x08 ; Interrupt vector (User program) CLR R_F ; To clear the ADCIF bit BS ADCONR, ADRUN ; To start to execute the next AD conversion if necessary RETI INITIAL: MOV A, @0BXXXX1XXX ; Enable the interrupt function of ADC, “X” by application IOW C_INT MOV A, @0xXX ; Interrupt disabled:<6> CONTW MOV A, @0B00000000 ; To employ Vdd as the reference voltage, to define P60 as IOW ADCONC ; an analog input and set clock rate at fosc/4 En_ADC: This specification is subject to change without prior notice. 06.25.2004 (V1.4) 36 |