| データシートサーチシステム |
|
UTFD13B データシート(PDF) 23 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
UTFD13B データシート(HTML) 23 Page - List of Unclassifed Manufacturers |
|
23 / 33 page ![]() 23 UTG Series Twisted pair cable multipiece contact cabling Cable reference Contact type Male contact Female contact Crimp tool Die set Stop bushing Cable strip length Inner conduc- tor crimp Braid crimp A B C g dim t dim g dim t dim 2#24 stranded mil w 16878 type B Multi piece RMDXK10D28 RCDXK1D28 M10S1J - - See assembly notice 2 #24 solid mil-w-76 type LW 2 #26 stranded mil w 76 type LW or mil w16878 type B & E 2 #28 solid mil-w-81822/3 twisted pair 1/.201 solid mil w 76 type LW or mil w 16878 twisted pair solid mil w 81822/3 Male contact Outer male contact RMDX60-2 Inner socket RFD26L-1 Outer hyring YOC074 Inner supporting sleeve RMDXB-055-3 Twisted pair adapter YORK-090 Conductor "Y" Conductor "Z" Strip lengths of cable 7.95±0.41 15.54±0.41 7.95±0.41 Outer hyring Inner supporting sleeve Twisted pair adapter Locking louver typical Grounding louver typical Step 1: Step 2: Step 3: 7.54 0.25±0.05 5.94±0.41 7.54±0.41 15.54±0.41 7.95±0.41 When using solid wire flatten conductor "X" and "Z" using N24FL-1 die as shown Female contact Step 1: Step 2: Step 3: Outer hyring Supporting sleeve Twisted pair adapter Conductor "W" Conductor "X" Strip lengths of cable 6.35±0.41 13.49±0.41 7.95±0.41 Outer female contact RCDX60-2 Inner pin RMD26L-1 Outer hyring YOC074 Inner supporting sleeve RCDXB-055-1 Twisted pair adapter YORK-090 Note : all dimensions are in mm |