データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UTFD16B データシート(PDF) 23 Page - List of Unclassifed Manufacturers

部品番号 UTFD16B
部品情報  The plastic circular connector with metal locking
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

UTFD16B データシート(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button UTFD16B Datasheet HTML 19Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 20Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 21Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 22Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 23Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 24Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 25Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 26Page - List of Unclassifed Manufacturers UTFD16B Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
23
UTG Series
Twisted pair cable multipiece contact cabling
Cable
reference
Contact
type
Male
contact
Female
contact
Crimp
tool
Die
set
Stop
bushing
Cable strip
length
Inner conduc-
tor crimp
Braid crimp
A
B
C
g dim
t dim
g dim
t dim
2#24 stranded mil
w 16878 type B
Multi
piece
RMDXK10D28 RCDXK1D28 M10S1J
-
-
See assembly notice
2 #24 solid mil-w-76
type LW
2 #26 stranded
mil w 76 type LW or
mil w16878 type B & E
2 #28 solid
mil-w-81822/3
twisted pair 1/.201
solid mil w 76 type LW
or mil w 16878
twisted pair solid mil w
81822/3
Male contact
Outer male contact
RMDX60-2
Inner socket
RFD26L-1
Outer hyring
YOC074
Inner supporting
sleeve
RMDXB-055-3
Twisted pair adapter
YORK-090
Conductor "Y"
Conductor "Z"
Strip lengths
of cable
7.95±0.41
15.54±0.41
7.95±0.41
Outer hyring
Inner supporting
sleeve
Twisted pair adapter
Locking louver typical
Grounding louver typical
Step 1:
Step 2:
Step 3:
7.54
0.25±0.05
5.94±0.41
7.54±0.41
15.54±0.41
7.95±0.41
When using solid wire flatten
conductor "X" and "Z" using
N24FL-1 die as shown
Female contact
Step 1:
Step 2:
Step 3:
Outer hyring
Supporting
sleeve
Twisted pair adapter
Conductor "W"
Conductor "X"
Strip lengths
of cable
6.35±0.41
13.49±0.41
7.95±0.41
Outer female contact
RCDX60-2
Inner pin
RMD26L-1
Outer hyring
YOC074
Inner supporting
sleeve
RCDXB-055-1
Twisted pair adapter
YORK-090
Note : all dimensions are in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33