| データシートサーチシステム |
|
UTFD17B データシート(PDF) 12 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
UTFD17B データシート(HTML) 12 Page - List of Unclassifed Manufacturers |
|
12 / 33 page ![]() 12 UTG Series Contacts Description The UTG series is delivered without contact (crimp version). When contacts are not loaded, this series offers the unique possibility to use the same contact in any layout as long as it receives the same active part size. Thus it is possible to buy only one contact reference and equip all connectors even if housings are different. The main benefit is the standardisation which means reduction of inventory cost. Bearing in mind that any additional tool or complicated assembly process should be avoided, our contacts are based on a snap-in principle which avoid the use of an insertion tool. Crimp contacts are available in different versions: • stamped & formed • coaxial • fiber optic • machined |