| データシートサーチシステム |
|
UTFD18B データシート(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
UTFD18B データシート(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 33 page ![]() 21 UTG Series #16 coaxial contacts Cable type Impe- dance Contact type Ø over jacket Ø over dielectric Inner cond size Ø outer braid Male contact kit for coaxial cable Female contact kit for coaxial cable inch mm inch mm Ext. Ø mm inch mm RG161/U 75 Multi piece 0.09 2.29 0.057 1.45 RMDXK10D28 RCDXK1D28 RG179A/U 75 0.105 2.67 0.063 1.6 0.3 0.084 2.13 max RG179B/U 75 0.105 2.67 0.063 1.6 0.3 0.084 2.13 max RG187/U 75 0.11 2.79 max 0.06 1.52 0.3 RG188/U 50 0.11 2.79 max 0.06 1.52 0.51 0.078 1.98 max RG174/U 50 0.11 2.92 0.06 1.52 0.48 0.088 2.24 max AMPHENOL 21-598 50 0.105 2.67 0.06 1.52 0.48 RG196/U 50 0.08 2.03 max 0.034 0.086 0.3 RG178A/U 50 0.075 1.91 0.034 0.86 0.3 0.054 1.37 max RG/188A/U 50 Mono crimp 0.110 2.79 0.06 1.52 0.51 0.078 1.98 max RMDX6036D28 RCDX6036D28 KX21TVT (europe) RG178 B/U 50 0.075 1.91 0.034 0.86 0.3 0.054 1.37 max RMDX6034D28 RCDX6034D28 RG178 / BU 50 0.075 1.91 0.034 0.86 0.3 0.054 1.37 max RMDX6050D28 RCDX6016D28 RG174/U 50 0.115 2.92 0.06 1.52 0.48 0.088 2.24 max RMDX6032D28 RCDX6032D28 RG188A/U 50 0.11 2.79 0.06 1.52 0.51 0.078 1.98 max RMDX6036D28 RCDX6036D28 RG316/U 50 0.107 2.72 0.6 1.52 0.51 0.078 2.05 max RMDX6036D28 RCDX6036D28 raychem 5024A3111 50 0.12 3.05 0.083 2.11 0.64 0.097 2.46 RMDX6052D28 RCDX6052D28 raychem 5026e1614 50 0.083 2.11 0.05 1.27 0.48 0.067 1.7 RMDX6036D28 RCDX6036D28 surprenant pn 8134 - Multi piece 0.1 2.54 0.058 1.47 0.3 RMDXK10D28 RCDXK1D28 PRD PN 247AS- C1123-001 - Mono crimp 0.103 2.62 0.06 1.52 0.51 0.078 1.98 RMDX6018D28 RCDX6018D28 PRD PN 247AS-C1251 - 0.092 2.34 0.05 1.27 0.64 0.067 1.7 RMDX6018D28 RCDX6018D28 JUDD C15013010902 - 0.087 2.13 0.05 1.27 0.48 0.066 1.67 RMDX6036D28 RCDX6036D28 CDC PIN22939200 - 0.09 2.29 0.048 1.22 0.3 0.064 1.63 RMDX6046D28 RCDX6016D28 CDC PIN22939200 - 0.09 2.29 0.048 1.22 0.3 0.064 1.63 RMDX6050D28 RCDX6016D28 CDC PIN245670000 - 0.104 2.64 0.067 1.7 0.3 0.083 2.11 RMDX6050D28 RCDX6016D28 ampex - 0.114 2.9 0.075 1.91 0.38 0.09 1.29 RMDX6032D28 RCDX6032D28 TI PN 920580 - 0.7 1.78 0.038 0.96 0.48 0.054 1.37 RMDX6024D28 RCDX6024D28 Honeywell PN 58000062 - 0.12 3.05 0.077 1.96 0.41 solid 0.096 2.44 RMDX6026D28 RCDX6026D28 - - 0.104 2.64 0.067 1.7 0.3 2.11 RMDX6050D28 - - - 0.09 2.29 0.048 1.22 0.3 1.63 RMDX6050D28 - - - 0.114 2.9 0.075 1.91 0.38 1.29 RMDX6032D28 RCDX6032D28 - - 0.07 1.78 0.038 0.96 0.48 1.37 RMDX6024D28 RCDX6024D28 - - 0.12 3.05 0.077 1.96 0.41 2.44 RMDX6026D28 RCDX6026D28 Coaxial cable - Contact monocrimp and multipiece |