データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TO-220AC データシート(PDF) 5 Page - Continental Device India Limited

部品番号 TO-220AC
部品情報  TO-220AC (2 Lead) Leaded Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

TO-220AC データシート(HTML) 5 Page - Continental Device India Limited

  TO-220AC Datasheet HTML 1Page - Continental Device India Limited TO-220AC Datasheet HTML 2Page - Continental Device India Limited TO-220AC Datasheet HTML 3Page - Continental Device India Limited TO-220AC Datasheet HTML 4Page - Continental Device India Limited TO-220AC Datasheet HTML 5Page - Continental Device India Limited TO-220AC Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Continental Device India Limited
Data Sheet
Page 5 of 6
4.
Mounting on Heat sink
To exploit best the performance of power transistor a heat sink with Rth suitable for the power that the transistor will
dissipate must be used.
TO220AC_Pkg_Drawing Rev271005
TO-220AC Package and Packaging



Html Pages

1 2 3 4 5 6