データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PVC105-0 データシート(PDF) 16 Page - Alpha Wire

部品番号 PVC105-0
部品情報  Better wire management means better harnesses
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPHAWIRE [Alpha Wire]
ホームページ  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVC105-0 データシート(HTML) 16 Page - Alpha Wire

Back Button PVC105-0 Datasheet HTML 12Page - Alpha Wire PVC105-0 Datasheet HTML 13Page - Alpha Wire PVC105-0 Datasheet HTML 14Page - Alpha Wire PVC105-0 Datasheet HTML 15Page - Alpha Wire PVC105-0 Datasheet HTML 16Page - Alpha Wire PVC105-0 Datasheet HTML 17Page - Alpha Wire PVC105-0 Datasheet HTML 18Page - Alpha Wire PVC105-0 Datasheet HTML 19Page - Alpha Wire PVC105-0 Datasheet HTML 20Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
496
FIT > FIT Wire Management > Spiral Wrap Tubing
FIT® Wire Management
Spiral Wrap Tubing
SW
• Flexible cable bundling
• Easy breakouts
See table for specifications
Part
No.
Material
Trade
Size
Outside
Diameter, Nom.
Wall
Thickness, Nom.
Right-Hand
Pitch, Nom.
Standard Put-Ups*
Inch
mm
Inch
mm
Inch
mm
Ft
m
SW-1
Natural PE
1/8
0.125
3.18
0.032
0.81
0.187
4.75
25, 100, 500
7.6, 30.5, 152
SW-2
Natural PE
1/4
0.250
6.35
0.045
1.14
0.375
9.53
25, 100, 500
7.6, 30.5, 152
SW-3
Natural PE
3/8
0.375
9.53
0.052
1.32
0.438
11.13
25, 100
7.6, 30.5
SW-4
Natural PE
1/2
0.500
12.70
0.062
1.57
0.563
14.30
25, 100
7.6, 30.5
SW-5
Natural PE
3/4
0.750
19.05
0.065
1.65
0.750
19.05
25, 100, 500
7.6, 30.5, 152
SW-6
Natural PE
1
1.000
25.40
0.080
2.03
1.000
25.40
25, 100, 500
7.6, 30.5, 152
SW-10
FR PE
1/8
0.125
3.18
0.032
0.81
0.187
4.75
25, 100, 500
7.6, 30.5, 152
SW-11
FR PE
1/4
0.250
6.35
0.045
1.14
0.375
9.53
25, 100, 500
7.6, 30.5, 152
SW-12
FR PE
3/8
0.375
9.53
0.052
1.32
0.438
11.13
25, 100
7.6, 30.5
SW-13
FR PE
1/2
0.500
12.70
0.062
1.57
0.563
14.30
25, 100
7.6, 30.5
SW-14
FR PE
3/4
0.750
19.05
0.065
1.65
0.750
19.05
25, 100
7.6, 30.5
SW-20
Nylon
1/8
0.125
3.18
0.015
0.38
0.187
4.75
25, 100, 500
7.6, 30.5, 152
SW-21
Nylon
1/4
0.250
6.35
0.025
0.64
0.375
9.53
25, 100, 500
7.6, 30.5, 152
SW-22
Nylon
3/8
0.375
9.53
0.035
0.89
0.438
11.13
25, 100
7.6, 30.5
SW-23
Nylon
1/2
0.500
12.70
0.035
0.89
0.500
12.70
25, 100
7.6, 30.5
SW-24
Nylon
3/4
0.750
19.05
0.032
0.81
0.750
19.05
25, 100, 500
7.6, 30.5, 152
SW-25
Nylon
1
1.000
25.40
0.032
0.81
1.000
25.40
25, 100
7.6, 30.5
SW-30
PTFE
1/8
0.125
3.18
0.030
0.76
0.187
4.75
25, 100
7.6, 30.5
SW-31
PTFE
1/4
0.250
6.35
0.030
0.76
0.375
9.53
25, 100
7.6, 30.5
SW-32**
PTFE
3/8
0.375
9.53
0.030
0.76
0.438
11.13
25, 100
7.6, 30.5
SW-33**
PTFE
1/2
0.500
12.70
0.030
0.76
0.500
12.70
25, 100
7.6, 30.5
SW-34**
PTFE
3/4
0.750
19.05
0.032
0.81
0.750
19.05
25, 100
7.6, 30.5
SW-35
PTFE
1
1.000
25.40
0.040
1.02
1.000
25.40
25, 100
7.6, 30.5
SW-40
UV-Res. PE
1/8
0.125
3.18
0.032
0.81
0.187
4.75
25, 100, 500
7.6, 30.5, 152
SW-41
UV-Res. PE
1/4
0.250
6.35
0.045
1.14
0.375
9.53
25, 100, 500
7.6, 30.5, 152
SW-42
UV-Res. PE
3/8
0.375
9.53
0.052
1.32
0.438
11.13
25, 100
7.6, 30.5
SW-43
UV-Res. PE
1/2
0.500
12.70
0.062
1.57
0.500
12.70
25, 100
7.6, 30.5
SW-44
UV-Res. PE
3/4
0.750
19.05
0.065
1.65
0.750
19.05
25, 100, 500
7.6, 30.5, 152
SW-45
UV-Res. PE
1
1.000
25.40
0.080
2.03
1.000
25.40
25, 100, 500
7.6, 30.5, 152
SW-50
PVC
1/8
0.125
3.18
0.032
0.81
0.187
4.75
25, 100
7.6, 30.5
SW-51
PVC
1/4
0.250
6.35
0.045
1.14
0.375
9.53
25, 100
7.6, 30.5
SW-52
PVC
3/8
0.375
9.53
0.052
1.32
0.438
11.13
25, 100
7.6, 30.5
SW-53
PVC
1/2
0.500
12.70
0.062
1.57
0.500
12.70
25, 100
7.6, 30.5
*May contain multiple lengths.
**Does not meet A-A-59602 Type 3 Class 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42