データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S2A データシート(PDF) 2 Page - Continental Device India Limited

部品番号 S2A
部品情報  SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

S2A データシート(HTML) 2 Page - Continental Device India Limited

  S2A Datasheet HTML 1Page - Continental Device India Limited S2A Datasheet HTML 2Page - Continental Device India Limited S2A Datasheet HTML 3Page - Continental Device India Limited S2A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S2A - S2M
DO-214AA (SMB)
SMD Plastic Package
DIM
Min
Max
DIM
Min
Max
A
6.60
7.11
G
0.0151
0.203
B
5.59
6.22
H
7.75
8.13
C
2.75
3.25
D
0.152 0.305
E
2.00
2.62
F
0.76
1.27
S2A_ MRev290506D
DO-214AA (SMB) SMD Plastic Package
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4