データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N657 データシート(PDF) 1 Page - Continental Device India Limited

部品番号 2N657
部品情報  NPN SILICON PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N657 データシート(HTML) 1 Page - Continental Device India Limited

  2N657 Datasheet HTML 1Page - Continental Device India Limited 2N657 Datasheet HTML 2Page - Continental Device India Limited 2N657 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR TRANSISTOR
2N657
TO-39
Metal Can Package
General Purpose Transistor.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNITS
Collector Emitter Voltage
VCEO
100
V
Collector Base Voltage
VCBO
100
V
Emitter Base Voltage
VEBO
8.0
V
Collector Current
IC
0.5
A
Power Dissipation @ Ta=25ºC
PD
1.0
W
Derate Above 25ºC
5.7
mW/ºC
Power Dissipation@ Tc=25ºC
PD
4.0
W
Derate Above 25ºC
22.8
mW/ºC
Operating And Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Collector Emitter Voltage
VCEO
IC=250µA,IB=0
100
V
Collector Base Voltage
VCBO
IC=100µA,IE=0
100
V
Emitter Base Voltage
VEBO
IC=250µA,Ic=0
8.0
V
Collector Cut off Current
ICBO
VCB=30V, IE=0
10
µA
DC Current Gain
hFE
IC=200mA,VCE=10V
30
90
Collector Emitter Saturation Voltage
*VCE(Sat)
IC=200mA,IB=40mA
4.0
V
SMALL SIGNAL CHARACTERISTICS
Input Impedance *
| hfe |IB=8mA, VCE=10V
0.5
K
*Pulse Test: Pulse Length= 300
µs, Duty Cycle <2%
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


同様の部品番号 - 2N657

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
2N657 ETC-2N657 Datasheet
133Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
New Jersey Semi-Conduct...
2N657 NJSEMI-2N657 Datasheet
142Kb / 1P
NPN SILICON PLANAR TRANSISTOR
logo
Inchange Semiconductor ...
2N6573 ISC-2N6573 Datasheet
262Kb / 2P
isc Silicon NPN Power Transistor
logo
Seme LAB
2N6574 SEME-LAB-2N6574 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
Inchange Semiconductor ...
2N6574 ISC-2N6574 Datasheet
140Kb / 2P
isc Silicon NPN Power Transistor
More results

同様の説明 - 2N657

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
NPN Silicon Transistor Planar Silicon Transistor
logo
Continental Device Indi...
2N917 CDIL-2N917 Datasheet
136Kb / 4P
NPN SILICON PLANAR TRANSISTOR
BF370R CDIL-BF370R Datasheet
106Kb / 3P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
NPN Silicon Transistor, Planar Silicon Transistor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
NPN SILICON PLANAR TRANSISTOR
logo
Fairchild Semiconductor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com