データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCS データシート(PDF) 2 Page - Hammond Manufacturing Ltd.

部品番号 TCS
部品情報  Systeme disolement thermique
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMMOND [Hammond Manufacturing Ltd.]
ホームページ  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

TCS データシート(HTML) 2 Page - Hammond Manufacturing Ltd.

  TCS Datasheet HTML 1Page - Hammond Manufacturing Ltd. TCS Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thermal Containment Door
Part No. Description
Overall Dimensions
Height Width Depth
HCS-
DDR
Steel frame resting on bearing wheels include an aluminum
handle
82.00
48.00
2.00
The above sizes are designed to fit our CL Series Cabinets. This product is intended to be customized
for your unique facility dimensions. Contact your local Hammond for details.
Thermal Containment Door Components
Part No.
Overall Dimensions
Cabinet
Height
Width
Depth
Depth
HCS-DTR
6.00
48.00
2.00
Works with All
HCS-DFG-36
3.00
36.00
3.00
36.00
HCS-DFG-42
3.00
42.00
3.00
42.00
HCS-DFG-48
3.00
48.00
3.00
48.00
The above sizes are designed to fit our CL Series Cabinets. This product is intended to be customized
for your unique facility dimensions. Contact your local Hammond for details.
Thermal Containment Panels
Part No.
Description
Overall Dimensions
Height Width Depth
HCS-TA P-
2424
Individual Cabinet Vertical Aisle Panel
24.00
24.00
1.00
HCS-TA P-
2448
Double Cabinet Vertical Aisle Panel
24.00
48.00
1.00
HCS-TEP-
2248
Vertical Aisle End Panel (Above Door)
22.00
48.00
1.00
HCS-TIP-
2448
Vertical Aisle End Panel (Completes Row without Door)
24.00
48.00
1.00
HCS-V CF-
2482
Vertical Cabinet Panel (Fills the void where a cabinet would
be placed)
82.25
24.00
1.00
HCS-HA P-
2448
Horizontal Aisle Panel (Contains two cabinets)
1.00
24.00 48.00
The above sizes are designed to fit our CL Series Cabinets. This product is intended to be customized
for your unique facility dimensions. Contact your local Hammond for details.
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2