| データシートサーチシステム |
|
ASMD100F データシート(PDF) 23 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ASMD100F データシート(HTML) 23 Page - Tyco Electronics |
|
23 / 26 page ![]() 195 RoHS Compliant, ELV Compliant 12 w 1 n a c w 2 Cross section Direction of unreeling Reel Type Upper side Lower side Optional shape: Circular or polygonal h H 1 P 1 W 4 H 0 H 1 C 1 C 2 F AB Reference plane Direction of unreeling Cross section A-B W 5 H W t P 0 D 0 I 2 L L 1 h p p AHS160~AHS300 nanoASMDC microASMD miniASMDC AHS080-2018 ASMD030F~ASMD125F ASMD150F~ASMD250F Description EIA 481-1 EIA 481-1 EIA 481-1 EIA 481-2 EIA 481-2 EIA 481-2 W 8.0 ± 0.30 8.0 ± 0.30 12.0 ± 0.30 16.0 ± 0.30 16.0 ± 0.30 16.0 ± 0.30 P0 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 4.0 ± 0.10 P1 4.0 ± 0.10 4.0 ± 0.10 8.0 ± 0.10 8.0 ± 0.10 8.0 ± 0.10 12.0 ± 0.10 P2 2.0 ± 0.05 2.0 ± 0.05 2.0 ± 0.05 2.0 ± 0.10 2.0 ± 0.10 2.0 ± 0.10 A0 1.95 ± 0.10 2.9 ± 0.10 Table A9 5.11 ± 0.15 5.6 ± 0.23 6.9 ± 0.23 B0 Table A9 3.50 ± 0.10 Table A9 5.6 ± 0.23 8.1 ± 0.15 9.6 ± 0.15 B1 max. 4.35 4.35 8.2 12.1 12.1 12.1 D0 1.55 ± .05 1.55 ± .05 1.5 + 0.10/ -.00 1.5 + 0.10/ -.00 1.5 + 0.10/ -.00 1.5 + 0.10/ -.00 F 3.50 ± 0.05 3.50 ± 0.05 5.50 ± 0.05 7.50 ± 0.10 7.50 ± 0.10 7.50 ± 0.10 E1 1.75 ± 0.10 1.75 ± 0.10 1.75 ± 0.10 1.75 ± 0.10 1.75 ± 0.10 1.75 ± 0.10 E2 min. 6.25 6.25 10.25 14.25 14.25 14.25 T max. 0.6 0.6 0.6 0.6 0.6 0.6 T1 max. 0.1 0.1 0.1 0.1 0.1 0.1 K0 Table A9 0.9 ± 0.1 Table A9 1.8 ± 0.15 3.2 ± 0.15 3.4 ± 0.15 Leader min. 390 390 390 400 400 400 Trailer min. 160 160 160 160 160 160 Figure A26 EIA Referenced Taped Component Dimensions for AGRF/AHRF/AHEF Automotive Devices Figure A27 EIA Referenced Reel Dimensions for AGRF/AHRF/AHEF Automotive Devices Table A8 Tape and Reel Specifications for AHS/ASMD/nanoASMDC/microASMD/miniASMDC Automotive Devices (in Millimeters) |