| データシートサーチシステム |
|
M2S005 データシート(PDF) 25 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
M2S005 データシート(HTML) 25 Page - Microsemi Corporation |
|
25 / 27 page ![]() 26 www.microsemi.com/products/fpga-soc/design-resources/ip-cores Microsemi IP Included in Libero IP Bundles Microsemi Intellectual Property (IP) products are designed and optimized for use with Microsemi FPGAs. Microsemi IP is sourced, verified, supported and maintained by Microsemi. Microsemi IP comes complete as pre-implemented, synthesizable IP building blocks and has been thoroughly tested and verified in Microsemi FPGAs. Microsemi IP is delivered with full documentation and support to help simplify the designer’s task of achieving fast time-to-market while minimizing design cost and risk. A complete list of Microsemi IP cores with module details and documentation is available. The Libero Catalog and SmartDesign manage the configuration of Microsemi IP cores for embedded applications, while the Firmware Catalog manages firmware drivers. Below is a list of free Microsemi IP cores for use in the Libero SmartDesign IP graphical design tool. Libero Gold and Platinum Licensing includes a bundle of Microsemi IP in RTL source format, as shown in the table below. These IP are available within both Libero IDE and Libero SoC where they are supported for the selected family. Go to www.microsemi.com/products/fpga-soc/design-resources/ip-cores/direct-cores for more information. Product Number Libero Gold IP Core Bundle: Included with Libero Gold License Libero Platinum IP Core Bundle: Included with Libero Platinum License Core10/100 RTL source RTL source Core10/100_AHBAPB RTL source RTL source Core1588 RTL source RTL source Core16550 RTL source RTL source Core3DES RTL source RTL source Core8051s RTL source RTL source CoreABC1 RTL source RTL source CoreAES128 RTL source RTL source CoreAHB RTL source RTL source CoreAHB2APB RTL source RTL source CoreAHBLite RTL source RTL source CoreAHBLSRAM RTL source RTL source CoreAHBLtoAXI RTL source RTL source CoreAhbNvm RTL source RTL source CoreAhbSram RTL source RTL source CoreAHBtoAPB3 RTL source RTL source CoreAI RTL source RTL source CoreAPB RTL source RTL source CoreApbNvm RTL source RTL source CoreAPBLSRAM RTL source RTL source CoreAPBSRAM RTL source RTL source CoreAPB3 RTL source RTL source CoreAXI RTL source RTL source CoreAXItoAHBL RTL source RTL source CoreCFI RTL source RTL source CoreConfigMaster RTL source RTL source CoreConfigP RTL source RTL source CoreCORDIC RTL source generator RTL source generator CoreDDR RTL source RTL source CoreDES RTL source RTL source CoreEDAC RTL source generator RTL source generator CoreFFT RTL source generator RTL source generator CoreFIFO RTL source generator RTL source generator CoreFIR1 RTL source generator RTL source generator CoreFMEE RTL source RTL source CoreFROM RTL source RTL source CoreGPIO RTL source RTL source CoreHPDMACtrl RTL source RTL source Notes: 1. Not Supported on Linux Platform. 2. Additional cores and configurations can be found on the website and in core handbooks. |