| データシートサーチシステム |
|
ACPL-3130 データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-3130 データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 20 page ![]() 2 Ordering Information ACPL-3130 and ACPL-J313 are UL Recognized with 3750 Vrms for 1 minute per UL1577. ACNW3130 is UL Recognized with 5000Vrms for 1 minute per UL1577. Part number Option Package Surface Mount Gull Wing Tape & Reel IEC/EN/DIN EN 60747-5-5 Quantity RoHS Compliant ACPL-3130 -000E 300mil DIP-8 50 per tube -300E X X 50 per tube -500E X X X 1000 per reel -060E X 50 per tube -360E X X X 50 per tube -560E X X X X 1000 per reel ACPL-J313 -000E 300mil DIP-8 X 50 per tube -300E X X X 50 per tube -500E X X X X 1000 per reel ACNW3130 -000E 400mil DIP-8 X 42 per tube -300E X X X 42 per tube -500E X X X X 750 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-3130-560E to order product of 300mil DIP Gull Wing Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-5 Safety Approval in RoHS compliant. Example 2: ACPL-3130-000E to order product of 300mil DIP package in tube packaging and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Remarks: The notation‘#XXX’is used for existing products, while (new) products launched since 15th July 2001 and RoHS compliant option will use ‘-XXXE‘. |