| データシートサーチシステム |
|
APA450 データシート(PDF) 3 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
APA450 データシート(HTML) 3 Page - Actel Corporation |
|
3 / 10 page ![]() ProASICPLUS Flash Family FPGAs v5.9 iii Device Resources General Guideline Maximum performance numbers in this datasheet are based on characterized data. Actel does not guarantee performance beyond the limits specified within the datasheet. User I/Os2 Commercial/Industrial Military/MIL-STD-883B Device TQFP3 100-Pin TQFP3 144-Pin PQFP3 208-Pin PBGA3 456-Pin FBGA3 144-Pin FBGA3 256-Pin FBGA3 484-Pin FBGA3 676-Pin FBGA3 896-Pin FBGA3 1152-Pin CQFP 208-Pin CQFP 352-Pin CCGA/ LGA 624-Pin APA075 66 107 158 100 APA150 66 158 242 100 186 4 APA300 158 5 290 5 100 5 186 4, 5 158 248 APA450 158 344 100 186 4 344 4 APA600 158 5 356 5 186 4, 5 370 4 454 158 248 440 APA750 158 356 454 562 6 APA1000 158 5 356 5 642 5, 6 712 6 158 248 440 Notes: 1. Package Definitions: TQFP = Thin Quad Flat Pack, PQFP = Plastic Quad Flat Pack, PBGA = Plastic Ball Grid Array, FBGA = Fine Pitch Ball Grid Array, CQFP = Ceramic Quad Flat Pack, CCGA = Ceramic Column Grid Array, LGA = Land Grid Array 2. Each pair of PECL I/Os is counted as one user I/O. 3. Available in RoHS compatible packages. Ordering code is "G." 4. FG256 and FG484 are footprint-compatible packages. 5. Military Temperature Plastic Package Offering 6. FG896 and FG1152 are footprint-compatible packages. |