| データシートサーチシステム |
|
IRS2332SPBF データシート(PDF) 13 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRS2332SPBF データシート(HTML) 13 Page - International Rectifier |
|
13 / 39 page ![]() www.irf.com 13 IRS233(0,2)(D)(S&J)PbF Figure 7: UVLO protection Shoot-Through Protection The IRS233(0,2)(D) family of high-voltage ICs is equipped with shoot-through protection circuitry (also known as cross- conduction prevention circuitry). Figure 8 shows how this protection circuitry prevents both the high- and low-side switches from conducting at the same time. Table 1 illustrates the input/output relationship of the devices in the form of a truth table. Note that the IRS233(0,2)(D) has inverting inputs (the output is out-of-phase with its respective input). Figure 8: Illustration of shoot-through protection circuitry IRS233(0,2)(D) HIN LIN HO LO 0 0 0 0 0 1 1 0 1 0 0 1 1 1 0 0 Table 1: Input/output truth table |