| データシートサーチシステム |
|
5331H データシート(PDF) 1 Page - Visual Communications Company |
|
|
|||||||||||||||||||||||||||||
5331H データシート(HTML) 1 Page - Visual Communications Company |
|
|
1 / 1 page ![]() engineered to light up your design www.vcclite.com 1.800.522.5546 CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC. Features • Block mounting design assures height and side-by-side spacing-alignment saves assembly costs. • UltraBriteT-1 3/4 LED lamp, non-diffused narrow beam high intensity light. • Press-in mounting pin secures assembly to PC board for soldering. • Stand offs prevent flux entrapment. Housing: Black Nylon, UL94V-O Note: Alternate LEDs are also available in this package as a standard variation. Refer to “Mounting Hole Pattern 4.pdf” All dimensions in inches. OVE R LAY .750 .260 DIM "A" .100 .150 MIN. T OP P ANE L .130 MAX. F OR P OS T C LE ANING .020 S T AND-OF F P C B OAR D .220 MIN. Ø.290 ANODE (+) ANODE (+) 5331H Series Vertical LED Assembly Description and Features Electro-Optical Characteristics and Ratings 585 563 650 3.0 3.0 3.0 2.2 2.2 2.1 5 5 5 60 60 60 Yellow Green Red (V) Max. (V) Typ. Continuous Forward Current Max. (mA) Reverse Breakdown Voltage Min. (V) (nm) Wavelength Peak Forward Voltage Emitted Color Part Number 5331H1 5331H5 5331H7 Typical Intensity (mcd) 68 100 160 20 20 20 Rated Current (mA ) .1 .09 .1 Peak Forward Current at 1MS-300PPS (A) |
同様の部品番号 - 5331H |
|
同様の説明 - 5331H |