| データシートサーチシステム |
|
HEI201210A-R24M-Q8 データシート(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
HEI201210A-R24M-Q8 データシート(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 9 page ![]() Molding Power Inductors – HEI Series HEI Series Power inductor takes an important part in the efficiency performance of DC/DC converter, and HEI products is designed to take care of both PFM and PWM application performance. Therefore, for HEI product, the Q(Rac) value at light load and the RDC value at heavy load are both superior to other competitors. Furthermore, the saturated current performance is also great, so it helps to get the ripple current lower and enhance the efficiency result. Features Applications High Efficiency Small Sizes in 2.0*1.2*0.8mm High Saturated Current High Q / Low Rac Low Rdc Smart phones Bluetooth Headsets Tablet PCs PND PC peripheral devices DSC, Camcorders Product Identification Shape and Dimensions Recommended Pattern Dimensions in mm TYPE A B C D 201208A 2.0±0.2 1.25±0.2 0.8Max 0.5±0.3 201210A 2.0±0.2 1.25±0.2 1.0Max 0.5±0.3 201610A 2.0±0.2 1.60±0.2 1.0Max 0.5±0.3 252010A 2.5±0.3 2.00±0.3 1.0Max 0.6±0.3 252012A 2.5±0.3 2.00±0.3 1.2Max 0.6±0.3 322510A 3.2±0.3 2.50±0.3 1.0Max 0.5±0.3 322512A 3.2±0.3 2.50±0.3 1.2Max 0.5±0.3 Dimensions in mm TYPE A B C 201208A 0.8~1.2 2.3~2.9 1.0~1.4 201210A 0.8~1.2 2.3~2.9 1.0~1.4 201610A 0.9 2.0 1.6 252010A 1.2 2.8 2.0 252012A 1.2 2.8 2.0 322510A 1.7 3.2 2.5 322512A 1.7 3.2 2.5 |
同様の説明 - HEI201210A-R24M-Q8 |