データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MHCI04012-R22M-R8 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 MHCI04012-R22M-R8
部品情報  Molding Power Choke
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

MHCI04012-R22M-R8 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  MHCI04012-R22M-R8 Datasheet HTML 1Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 2Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 3Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 4Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 5Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 6Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 7Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 8Page - List of Unclassifed Manufacturers MHCI04012-R22M-R8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Molding Power Choke – MHCC/MHCI Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHCI04012-R22M-R8
0.22
20
100
8.5
11.5
12
MHCI04012-R47M-R8
0.47
20
100
5.0
7.0
25
MHCI04012-R68M-R8
0.68
20
100
4.5
6.0
36
MHCI04012-1R0M-R8
1.0
20
100
4.2
5.2
47
MHCI04012-2R2M-R8
2.2
20
100
2.75
3.5
83.5
MHCI04012-4R7M-R8
4.7
20
100
1.8
2.8
195
 Irms
DC current (A) that will cause an approximate ΔT of 40℃
 Isat
DC current (A) that will cause L to drop approximately 30%
Tolerance:M= ±20%
L : WK 3260B, 100KHz 0.5V
Rdc : CHEN HWA 502
Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:
WK3260B Impedance / Material Analyzer
Inductance vs DC Current
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
1
2
3
4
5
6
7
8
9
10 11
1213 1415
1617
DC Current(A)
R22
R47
R68
1R0
2R2
4R7
Tem perature Change v.s DC Current
0
20
40
60
80
100
120
140
0123456789
10
11
12
13
DC Current(A)
1R0
R68
R22
R47
2R2
4R7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23