| データシートサーチシステム |
|
MHSC06022-R82M-R8 データシート(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MHSC06022-R82M-R8 データシート(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 6 page ![]() Molding Power Choke – MHSC Series Electrical Characteristics Inductance Tolerance Test Frequency Irms Isat RDC Part Number (uH) (±%) (KHz) (A)Typ. (A)Typ. (mΩ)Max MHSC06036-R82M-R8 0.82 20 100 14 20 6.8 MHSC06036-1R0M-R8 1.0 20 100 12 19 8.2 MHSC06036-2R2M-R8 2.2 20 100 9.5 14 14.5 MHSC06036-6R8M-R8 6.8 20 100 5.5 7 44.5 MHSC06036-100M-R8 10 20 100 4.5 6.5 66 Irms DC current (A) that will cause an approximate ΔT of 40℃ Isat DC current (A) that will cause L to drop approximately 30% Tolerance:M= ±20% L : WK 3260B, 100KHz 0.5V Rdc : CHEN HWA 502 Operating temperature range from -55℃ to 125℃. (Including self - temperature rise) Test Instruments:WK3260B Impedance / Material Analyzer Inductance v.s DC Current 0 1 2 3 4 5 6 7 8 9 10 11 0 5 10 15 20 DC Current (A) R82 1R0 2R2 6R8 100 Temperature Change v.s DC Current 0 10 20 30 40 50 60 70 80 90 100 110 120 0 5 10 15 20 25 DC Current (A) R82 1R0 2R2 6R8 100 |