| データシートサーチシステム |
|
MHSC06022-1R0M-R8 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MHSC06022-1R0M-R8 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 6 page ![]() Molding Power Choke – MHSC Series Electrical Characteristics Inductance Tolerance Test Frequency Irms Isat RDC Part Number (uH) (±%) (KHz) (A)Typ. (A)Typ. (mΩ)Max MHSC04020-R33M-R8 0.33 20 100 8.5 16 10 MHSC04020-R47M-R8 0.47 20 100 8 14 11 Irms DC current (A) that will cause an approximate ΔT of 40℃ Isat DC current (A) that will cause L to drop approximately 30% Tolerance:M= ±20% L : WK 3260B, 100KHz 0.5V Rdc : CHEN HWA 502 Operating temperature range from -55℃ to 125℃. (Including self - temperature rise) Test Instruments:WK3260B Impedance / Material Analyzer Inductance v.s DC Current 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 0 2 4 6 8 10 12 14 16 18 DC Current (A) R33 R47 Temperature Change v.s DC Current 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 DC Current (A) R33 R47 |