データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBPC-W データシート(PDF) 2 Page - Continental Device India Limited

部品番号 KBPC-W
部品情報  KBPC-W and MP-W (4 Leads) Square Leaded Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

KBPC-W データシート(HTML) 2 Page - Continental Device India Limited

  KBPC-W Datasheet HTML 1Page - Continental Device India Limited KBPC-W Datasheet HTML 2Page - Continental Device India Limited KBPC-W Datasheet HTML 3Page - Continental Device India Limited KBPC-W Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIM
Min
Max
DIM
Min
Max
A
28.0
30.0
E
17.6
18.6
B
11.5
F
17.6
18.6
C
15.0
G
1.1
2.0
D
28.00
30.0
H
10.9
11.9
KBPC-W_MP-W_Pkg_Drawing Rev051105
KBPC-W Leaded Plastic Package
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 2 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company



Html Pages

1 2 3 4