データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KBPC データシート(PDF) 2 Page - Continental Device India Limited

部品番号 KBPC
部品情報  KBPC (4 Leads) Square Leaded Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

KBPC データシート(HTML) 2 Page - Continental Device India Limited

  KBPC Datasheet HTML 1Page - Continental Device India Limited KBPC Datasheet HTML 2Page - Continental Device India Limited KBPC Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIM
Min
Max
DIM
Min
Max
A
28.0
30.0
E
17.60
18.60
B
11.50
F
13.80
14.80
C
10.80
12.20
G
16.10
17.10
D
28.0
30.0
H
16.10
17.10
KBPC_Pkg_Drawing Rev281005
KBPC Square Leaded Plastic Package
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 2 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company



Html Pages

1 2 3