データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SVT2100V データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 SVT2100V
部品情報  Ultra Low forward voltage drop, low power losses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SVT2100V データシート(HTML) 1 Page - Pan Jit International Inc.

  SVT2100V Datasheet HTML 1Page - Pan Jit International Inc. SVT2100V Datasheet HTML 2Page - Pan Jit International Inc. SVT2100V Datasheet HTML 3Page - Pan Jit International Inc. SVT2100V Datasheet HTML 4Page - Pan Jit International Inc. SVT2100V Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
July 4,2013-REV.00
SVT12100V
ULTRA LOW VF SCHOTTKY RECTIFIER
VOLTAGE
100 Volts
12 Amperes
FEATURES
• Ideal for automated placement
• Ultra Low forward voltage drop, low power losses
• High efficiency operation
• Low thermal resistance
• Ultra thin profile package for space constrained utilization
• Package suitable for automated handling
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
Case : TO-277, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Weight : 0.0037 ounces, 0.1073 grams
Marking : SVT12100V
CURRENT
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
NOTES :
1.Mounted on an FR4 PCB, single-sided copper, with 10cm*10cm*0.5mm copper pad area
2.Mounted on an FR4 PCB, single-sided copper, mini pad.
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
70
V
Maximum DC Blocking Voltage
VR
100
V
Maximum Average Rectified Output Current
I F(AV)
12
A
Peak Forward Surge Current : 8.3ms single half sine-wave
superimposed on rated load
I FSM
200
A
Typical Junction Capacitance (VR=4V, f=1MHz)
CJ
1200
pF
Typical Thermal Resistance
(Note 1)
(Note 2)
RJC
RJA
3
110
oC/W
Operating Junction Temperature Range And Storage Temperature Range
TJ,TSTG
-55 to + 150
oC
0.243(6.15)
0.238(6.05)
0.262(6.65)
0.250(6.35)
0.183(4.65)
0.171(4.35)
0.043(1.10)
0.035(0.90)


同様の部品番号 - SVT2100V

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SVT20100U PANJIT-SVT20100U Datasheet
228Kb / 5P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20100UA PANJIT-SVT20100UA Datasheet
292Kb / 4P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20100UA_R2_00001 PANJIT-SVT20100UA_R2_00001 Datasheet
292Kb / 4P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20100UB PANJIT-SVT20100UB Datasheet
230Kb / 5P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20100UB PANJIT-SVT20100UB_16 Datasheet
400Kb / 6P
EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
More results

同様の説明 - SVT2100V

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
CBD20200VFCT PANJIT-CBD20200VFCT Datasheet
113Kb / 4P
Ultra low forward voltage drop, low power losses
SBM545LSS PANJIT-SBM545LSS Datasheet
79Kb / 4P
Ultra low forward voltage drop, low power losses
SBM560VSS PANJIT-SBM560VSS Datasheet
79Kb / 4P
Ultra low forward voltage drop, low power losses
SBM845LSS PANJIT-SBM845LSS Datasheet
78Kb / 4P
Ultra low forward voltage drop, low power losses
SBM1060VCT PANJIT-SBM1060VCT Datasheet
109Kb / 4P
Ultra Low forward voltage drop, low power losses
SBM1060VFCT PANJIT-SBM1060VFCT Datasheet
113Kb / 4P
Ultra Low forward voltage drop, low power losses
SBM3060VDC PANJIT-SBM3060VDC Datasheet
138Kb / 5P
Ultra Low forward voltage drop, low power losses
SBT1545LSS PANJIT-SBT1545LSS Datasheet
78Kb / 4P
Ultra low forward voltage drop, low power losses
SBT30100VCT PANJIT-SBT30100VCT Datasheet
110Kb / 4P
Ultra low forward voltage drop, low power losses
SVM860V PANJIT-SVM860V Datasheet
147Kb / 5P
Ultra low forward voltage drop, low power losses
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com