データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P2010 データシート(PDF) 2 Page - Freescale Semiconductor, Inc

部品番号 P2010
部品情報  QorIQ P2010 and P2020 Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P2010 データシート(HTML) 2 Page - Freescale Semiconductor, Inc

  P2010 Datasheet HTML 1Page - Freescale Semiconductor, Inc P2010 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Control plane applications tend to be more
sequential in nature and thus lose scaling
efficiency with increasing number of threads or
cores. Both P2 devices, with their low power,
efficient dual-issue out-of-order e500 core,
Power Architecture technology and high 1.2
GHz frequency, offer a level of single-threaded
performance that is a perfect fit for control
plane applications.
The networking linecard requires an optimal
combination of good performance to manage
a large amount of control plane traffic balanced
against low power and cost. With convenient
I/O, flexible core configurations and an
onboard security block, the P2010 and P2020
processors are well-suited for this application,
which involves controlling ASICs, managing
exceptions and routing table maintenance.
The P2010 and P2020 processors are also
well-suited for LTE and WiMAX channel card
applications. With dual-core performance in
single-core power budgets, the P2 devices
facilitate the “flattening” of the wireless
network hierarchy. The dual Serial RapidIO
interfaces allow direct connection to the DSPs
(such as the MSC8156 DSP) that implement
layer 1 processing as well as redundant
backplane connections.
Technical Specifications
• Dual (P2020) or single (P2010) high-
performance Power Architecture
e500 cores
36-bit physical addressing
Double-precision floating-point support
32 KB L1 instruction cache and 32 KB
L1 data cache for each core
800 MHz to 1.2 GHz clock frequency
• 512 KB L2 cache with ECC. Also
configurable as SRAM and stashing
memory.
• Three 10/100/1000 Mb/s enhanced three-
speed Ethernet controllers
TCP/IP acceleration and
classification capabilities
IEEE 1588 support
Lossless flow control
R/G/MII, R/TBI, SGMII
FIFO interfaces
• High-speed interfaces supporting various
multiplexing options
Four SerDes to 3.125 GHz multiplexed
across controllers
Three PCI Express interfaces
Two Serial RapidIO interfaces
Two SGMII interfaces
• High-Speed USB controller (USB 2.0)
Host and device support
Enhanced host controller interface
ULPI interface to PHY
• Enhanced secure digital host controller
(SD/MMC)
• Serial peripheral interface
• Integrated security engine (SEC 3.1)
(optional)
Crypto algorithm support includes
3DES, AES, RSA/ECC, MD5/SHA,
ARC4, Kasumi, Snow 3G and FIPS
deterministic RNG
Single pass encryption/message
authentication for common security
protocols (IPsec, SSL, SRTP, WiMAX)
XOR acceleration
• 64-bit DDR2/DDR3 SDRAM memory
controller with ECC support
• Programmable interrupt controller compliant
with OpenPIC standard
• Two four-channel DMA controllers
• Two I2C controllers, DUART, timers
• Enhanced local bus controller
• 16 general-purpose I/O signals
• Package: 689-pin wirebond power-BGA
(TEPBGA2)
Software and Tools Support
• Enea®: Real-time operating system support
• Green Hills®: Complete portfolio of software
and hardware development tools, trace
tools and real-time operating systems
• Mentor Graphics®: Commercial-grade
Linux® solution
• P2020 development system, P2020
reference design board and P2020 COM
Express development board
For more information, visit freescale.com/QorIQ
Freescale, the Freescale logo, CoreNet, PowerQUICC and QorIQ and the Freescale logo are trademarks of Freescale Semiconductor,
Inc., Reg. U.S. Pat. & Tm. Off. All other product or service names are the property of their respective owners. The Power Architecture
and Power.org word marks and the Power and Power.org logos and related marks are trademarks and service marks licensed by
Power.org. © 2009, 2013 Freescale Semiconductor, Inc.
Document Number: QP20XXFS REV 4



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com