| データシートサーチシステム |
|
BCW70 データシート(PDF) 3 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
BCW70 データシート(HTML) 3 Page - Continental Device India Limited |
|
3 / 4 page ![]() Continental Device India Limited Data Sheet Page 3 of 4 1.6 MAX 1.22 2.77 8.0 –0.1 –0.10 +0.3 3.5 –0.05 –0.1 –0.1 –0.05 –0.1 –0.05 4.0 4.0 1.55 2.0 1.75 5.75 MAX –0.05 –0.10 3.15 1.0 - 0.1 Direction of Unreeling All dimensions in mm ł 329.2– 0.5 / 178 – 0.5 14.4 7.9 10.9 9.2– 0.5 MAX ł 100.0– 0.5 / 54.5 – 0.5 ł 2.0– 0.5 ł 20.2 M IN D ETAIL X ł 13.0 +0.5 0.2 All dim ensions in m m 330 / 180 m m Antistatic Coated Plastic Reel NO TES: No. of D evices 8m m Tape Size of R eel 330 m m (13") 10,000 Pcs 8m m Tape Size of R eel 180 m m (7") 3,000 Pcs The bandolier of 330 m m reel contains at least 10,000 devices. The bandolier of 180 m m reel contains at least 3,000 devices. No m ore than 0.5% m issing devices / reel. 50 empty com partm ents for 330 m m reel. 15 em pty com partm ents for 180 mm reel. Three consecutive em pty places m ight be found provided this gap is followed by 6 consecutive devices. The carrier tape (leader) starts with at least 75 em pty positions (equivalent to 330 m m ). In order to fix the carrier tape a self adhesive tape of 20 to 50 m m is applied. At the end of the bandolier at least 40 em pty positions (equivalent to 160 m m ) are there. 180 or 330 1. 2. 3. 4. 5. +/– 0.05 +/– 0.05 1.30 0.62 0.62 7º 0.08 PARTING LINE RO.08 0.21 6º 7 5º +/–3" +/–0.10 2.50 +/– 4" 0.08 R0.08 +/– 0.05 2.50 0.62 1.30 +/– 0.10 +/–0.025 +/-0.05 3 3 0.62 cL 1 2 3 Tape Specification for SOT-23 Surface Mount Device SOT-23 Formed SMD Package SOT-23 Package Reel Information Reel specifications for Packing (13"/7" reels) BCW69 BCW70 |