データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP52 データシート(PDF) 3 Page - Continental Device India Limited

部品番号 BCP52
部品情報  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCP52 データシート(HTML) 3 Page - Continental Device India Limited

  BCP52 Datasheet HTML 1Page - Continental Device India Limited BCP52 Datasheet HTML 2Page - Continental Device India Limited BCP52 Datasheet HTML 3Page - Continental Device India Limited BCP52 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tape
Reel Dia.
Inside
Reel
Width
Thickness
Thickness
A - Max
W
T - max
12
180
12.4 ± 2
18.4
12
330
12.4 ± 2
18.4
All Dimensions are in mm
Packaging Information
Package/
Packaging Type Std. Packing
Case Type
Qty
Qty
Size L x W x H
Gross Weight
Qty
Size L x W x H Gross Weight
(cm)
(Kg)
(cm)
(Kg)
T & R
1,000
T & R
4,000
T & R: Tape and Reel
Component Disposal Instructions
1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose
as per prevailing Environmental Legislation of their Country.
2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
Reel Specifications
Inner Carton
Outer Carton
SOT-223
SOT-223
Reel Dimensions and Components/Reel for SMD Package
Package
Continental Device India Limited
Data Sheet
Page 3 of 4
BCP51_53Rev011104E
BCP51 BCP52 BCP53
SOT-223



Html Pages

1 2 3 4