| データシートサーチシステム |
|
M22-WLK3-R データシート(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
M22-WLK3-R データシート(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 4 page ![]() Volume 7—Logic Control, Operator Interface and Connectivity Solutions CA08100008E—March 2014 www.eaton.com V7-T1-87 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1.5 Pushbuttons and Indicating Lights 22.5 mm Modular Pushbuttons—M22 Illuminated Selector Switches Light Units 15 Contact Blocks 1 Accessories Notes 1 For complete listing of available light units and contact blocks, see Accessories, Pages V7-T1-111 to V7-T1-116. 2 Plunger needed to actuate center-mounted contact blocks. Used for non-illuminated three-position selector switches only. 3 All NC contact blocks are positively driven contact. 4 Enables a keyed selector switch to be set to user-selected key withdraw position. 5 Select the same color LED element as lens color; for yellow lens, choose a white LED. max. 5mm thick ness Note: Included with operator. Terminal Type LED Color Light Unit Voltage Catalog Number Screw White 12–30 Vac/Vdc M22-LED-W Red M22-LED-R Green M22-LED-G Blue M22-LED-B Screw White 85–264 Vac M22-LED230-W Red M22-LED230-R Green M22-LED230-G Blue M22-LED230-B Terminal Type Contact Configuration 3 Catalog Number Screw NO M22-K10 NO, early-make M22-K10P NC M22-K01 NC, late-break M22-K01D Spring-cage NO M22-CK10 NC M22-CK01 NC, late-break M22-CK01D 2NO M22-CK20 2NC M22-CK02 NO-NC M22-CK11 M22-LED-W M22-K10 Description Catalog Number Plunger bridge 2 M22-XW Key cover M22-XWS Key withdraw adapter 4 M22-XC-R Coding adapter M22-XC-Y Guard ring M22-XGWK M22-XC-Y M22-XWS M22-XC-R M22-XW M22-XGWK |