データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULCD-24-PTU-AR データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 ULCD-24-PTU-AR
部品情報  Arduino Display Module Pack Display Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

ULCD-24-PTU-AR データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ULCD-24-PTU-AR Datasheet HTML 2Page - List of Unclassifed Manufacturers ULCD-24-PTU-AR Datasheet HTML 3Page - List of Unclassifed Manufacturers ULCD-24-PTU-AR Datasheet HTML 4Page - List of Unclassifed Manufacturers ULCD-24-PTU-AR Datasheet HTML 5Page - List of Unclassifed Manufacturers ULCD-24-PTU-AR Datasheet HTML 6Page - List of Unclassifed Manufacturers ULCD-24-PTU-AR Datasheet HTML 7Page - List of Unclassifed Manufacturers ULCD-24-PTU-AR Datasheet HTML 8Page - List of Unclassifed Manufacturers ULCD-24-PTU-AR Datasheet HTML 9Page - List of Unclassifed Manufacturers ULCD-24-PTU-AR Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
4D SYSTEMS
uLCD-24-PTU-AR
© 2012 4D SYSTEMS
Page 8 of 9
www.4dsystems.com.au
4. Specifications and Ratings
RECOMMENDED OPERATING CONDITIONS
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
4.5
--
5.5
V
Operating Temperature
-10
--
+70
°C
ORDERING INFORMATION
Order Code: uLCD-24-PTU-AR
Package: 138mm x 100mm x 30mm
Packaging: Module sealed in antistatic foam padded 4D Systems Box



Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com