データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MF-USMF005 データシート(PDF) 3 Page - Bourns Electronic Solutions

部品番号 MF-USMF005
部品情報  Fast tripping resettable circuit protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-USMF005 データシート(HTML) 3 Page - Bourns Electronic Solutions

  MF-USMF005 Datasheet HTML 1Page - Bourns Electronic Solutions MF-USMF005 Datasheet HTML 2Page - Bourns Electronic Solutions MF-USMF005 Datasheet HTML 3Page - Bourns Electronic Solutions MF-USMF005 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
“freeXpansion Design” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
MF-USMF Series - PTC Resettable Fuses
Typical Time to Trip at 23 ˚C
The Time to Trip curves represent typical performance of a device in a simulated application
environment. Actual performance in specific customer applications may differ from these values
due to the influence of other variables.
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 ˚C
-20 ˚C
0 ˚C
23 ˚C
40 ˚C
50 ˚C
60 ˚C
70 ˚C
85 ˚C
MF-USMF005
0.08
0.07
0.06
0.05
0.04
0.04
0.03
0.03
0.02
MF-USMF010
0.15
0.13
0.12
0.10
0.09
0.08
0.07
0.06
0.05
MF-USMF020
0.32
0.28
0.24
0.20
0.18
0.16
0.14
0.12
0.10
MF-USMF035
0.51
0.46
0.40
0.34
0.30
0.27
0.24
0.22
0.18
MF-USMF050
0.76
0.66
0.58
0.48
0.42
0.38
0.35
0.29
0.23
MF-USMF075
1.10
0.97
0.86
0.72
0.64
0.58
0.55
0.47
0.39
MF-USMF110
1.60
1.42
1.26
1.10
0.94
0.86
0.80
0.70
0.58
MF-USMF150
2.30
2.02
1.76
1.43
1.24
1.11
1.00
0.85
0.65
MF-USMF175X
2.80
2.45
2.10
1.75
1.55
1.45
1.35
1.25
1.10
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Fault Current (Amps)
MF-USMF010
MF-USMF020
MF-USMF035
MF-USMF050
MF-USMF150
MF-USMF175X
MF-USMF110
MF-USMF075
MF-USMF005
How to Order
MF - USMF 010 X - 2
Multifuse® Product
Designator
Series
USMF = 1210 Surface Mount
Component
Hold Current, Ihold
005-175 (0.05-1.75 Amps)
Multifuse® freeXpansion™ Design
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Part Marking
Represents total content. Layout may vary.
PART IDENTIFICATION:
MF-USMF005 = 0
MF-USMF010 = 1
MF-USMF020 = 2
MF-USMF035 = 3
MF-USMF050 = 4
MF-USMF075 = 5
MF-USMF110 = 6
MF-USMF150 = 8
MF-USMF175X = 9
BIWEEKLY DATE CODE:
WEEK 1 AND 2 = A
WEEK 51 AND 52 = Z
6
A
UNDERSCORE
SIGNIFIES
HALOGEN FREE
COMPLIANCE
MF-USMF SERIES, REV. N, 09/13



Html Pages

1 2 3 4