データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MLF2012 データシート(PDF) 23 Page - TDK Electronics

部品番号 MLF2012
部品情報  Inductors for Standard Circuits Multilayer Ferrite
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012 データシート(HTML) 23 Page - TDK Electronics

Back Button MLF2012 Datasheet HTML 16Page - TDK Electronics MLF2012 Datasheet HTML 17Page - TDK Electronics MLF2012 Datasheet HTML 18Page - TDK Electronics MLF2012 Datasheet HTML 19Page - TDK Electronics MLF2012 Datasheet HTML 20Page - TDK Electronics MLF2012 Datasheet HTML 21Page - TDK Electronics MLF2012 Datasheet HTML 22Page - TDK Electronics MLF2012 Datasheet HTML 23Page - TDK Electronics MLF2012 Datasheet HTML 24Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
(23/23)
INDUC
T
O
RS
001-01 / 20130929 / inductor_standard_mlf_en.fm
• All specifications are subject to change without notice.
MLF series
Packaging Style
REEL DIMENSIONS
TAPE DIMENSIONS
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
4.0
±0.1
1.5
+0.1
–0.0
Sprocket hole
Cavity
KB
2.0
±0.05
2.0
±0.05
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm
Type
A
B
K
MLF1005
1.15±0.1
0.65±0.1
0.8 max.
MLF1608
1.9±0.2
1.1±0.2
1.1 max.
MLF2012
t=0.85
2.3±0.2
1.5±0.2
1.1 max.
t=1.25
2.3±0.2
1.5±0.2
1.5 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24