データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M22-R10K データシート(PDF) 40 Page - List of Unclassifed Manufacturers

部品番号 M22-R10K
部品情報  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

M22-R10K データシート(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button M22-R10K Datasheet HTML 36Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 37Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 38Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 39Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 40Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 41Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 42Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 43Page - List of Unclassifed Manufacturers M22-R10K Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
40
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Key-Operated Selector Switches
Components
Operators Only, Continued
Notes
Includes 1 key.
Key removal positions can be modified in the field using coding adapters; see chart on Page 66
Includes contact block mounting adapter.
Discount Symbol: 1CD1.
Type
Switching Position
Bezel
Key Removal Position
Key Code
Catalog Number
Price U.S. $
3-Position
Maintained
Silver
Key Removable Center
MS1
M22-WRS3-A1
49.50
MS2
M22-WRS3-MS2-A1
49.50
MS3
M22-WRS3-MS3-A1
49.50
MS4
M22-WRS3-MS4-A1
49.50
MS5
M22-WRS3-MS5-A1
49.50
MS6
M22-WRS3-MS6-A1
49.50
MS7
M22-WRS3-MS7-A1
49.50
MS8
M22-WRS3-MS8-A1
49.50
Key Removable
Center/Left
MS1
M22-WRS3-A2
49.50
MS2
M22-WRS3-MS2-A2
49.50
MS3
M22-WRS3-MS3-A2
49.50
MS4
M22-WRS3-MS4-A2
49.50
MS5
M22-WRS3-MS5-A2
49.50
MS6
M22-WRS3-MS6-A2
49.50
MS7
M22-WRS3-MS7-A2
49.50
MS8
M22-WRS3-MS8-A2
49.50
Key Removable
Center/Right
MS1
M22-WRS3-A3
49.50
MS2
M22-WRS3-MS2-A3
49.50
MS3
M22-WRS3-MS3-A3
49.50
MS4
M22-WRS3-MS4-A3
49.50
MS5
M22-WRS3-MS5-A3
49.50
MS6
M22-WRS3-MS6-A3
49.50
MS7
M22-WRS3-MS7-A3
49.50
MS8
M22-WRS3-MS8-A3
49.50
Key Removable Left/Right
MS1
M22-WRS3
49.50
MS2
M22-WRS3-MS2
49.50
MS3
M22-WRS3-MS3
49.50
MS4
M22-WRS3-MS4
49.50
MS5
M22-WRS3-MS5
49.50
MS6
M22-WRS3-MS6
49.50
MS7
M22-WRS3-MS7
49.50
MS8
M22-WRS3-MS8
49.50
Return from Left, Key
Removable Center
MS1
M22-WRS3-A7
53.50
MS2
M22-WRS3-MS2-A7
53.50
MS3
M22-WRS3-MS3-A7
53.50
MS4
M22-WRS3-MS4-A7
53.50
MS5
M22-WRS3-MS5-A7
53.50
MS6
M22-WRS3-MS6-A7
53.50
MS7
M22-WRS3-MS7-A7
53.50
MS8
M22-WRS3-MS8-A7
53.50
Return from Left, Key
Removable Center/Right
MS1
M22-WRS3-A6
53.50
MS2
M22-WRS3-MS2-A6
53.50
MS3
M22-WRS3-MS3-A6
53.50
MS4
M22-WRS3-MS4-A6
53.50
MS5
M22-WRS3-MS5-A6
53.50
MS6
M22-WRS3-MS6-A6
53.50
MS7
M22-WRS3-MS7-A6
53.50
MS8
M22-WRS3-MS8-A6
53.50
M22-WS3-X93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89