データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M22S-DR-R データシート(PDF) 62 Page - List of Unclassifed Manufacturers

部品番号 M22S-DR-R
部品情報  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R データシート(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 58Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 59Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 60Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 61Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 62Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 63Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 64Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 65Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 89 page
background image
62
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Legend Plate Holders and Inserts, Pushbuttons and Double Pushbuttons
Notes
When ordering, specify inscription per catalog number suffix from the symbols library (see Pages 77–84) into the
Order Notes. For example, M22-XD-S-ETCH; Order Notes: Mark with symbol X91, Line item #_.
Discount Symbol: 1CD1.
Example
To order a legend plate for a pushbutton with non-standard markings (FORWARD):
1. Select legend plate holder—M22S-ST-X.
2. Select legend plate insert—M22-XST-ETCH.
3. Select FORWARD from the symbols library, Page 77, identified by GB15 suffix.
4. Indicate on the order form in the order notes—suffix GB15, line item # ___ .
Description
Inscription
Catalog Number
Price
U.S. $
Legend plate holder, without legend plate
insert, for pushbuttons
—
M22S-ST-X
1.40
Legend plate holder, without legend plate
insert, for double pushbuttons
—
M22S-STDD-X
5.00
Legend plate insert
—
M22-XST
1.40
—
M22-XST-ETCH
2.40
STOP
M22-XST-GB0
2.40
START
M22-XST-GB1
2.40
OFF
M22-XST-GB5
2.40
ON
M22-XST-GB6
2.40
RUN
M22-XST-GB7
2.40
FAULT
M22-XST-GB8
2.40
OFF ON
M22-XST-GB10
2.40
MAN. AUTO
M22-XST-GB11
2.40
HAND O AUTO
M22-XST-GB12
2.40
HAND AUTO
M22-XST-D11
2.40
MAN. O AUTO
M22-XST-D12
2.40
1
M22-XST-X52
2.40
2
M22-XST-X53
2.40
O I
M22-XST-X88
2.40
O - I
M22-XST-X89
2.40
I O II
M22-XST-X93
2.40
M22S-ST-X
M22-XST-GB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89