| データシートサーチシステム |
|
AM4961 データシート(PDF) 13 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
AM4961 データシート(HTML) 13 Page - Diodes Incorporated |
|
13 / 14 page ![]() Data Sheet 13 May. 2011 Rev. 2. 4 BCD Semiconductor Manufacturing Limited SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER AM4961 6.350(0.250) 6.550(0.258) 1.470(0. 058) 1.570(0. 062) 1.450(0.057) 1.550(0.061) 0.750(0.030) 0.850(0.033) 0.650(0.026) BSC 1.300(0. 051) BSC 6.200(0.244) 6.600(0.260) 0.340(0.013) 0.540(0.021) 1.200(0.047) MAX 0.050(0.002) 0.200(0.008) 0.900(0.035) 1.050(0.041) 4.300(0.169) 4.500(0.177) SEE DETAIL A 0. 250(0.010) BSC R0.090(0.004) MIN R0.090(0. 004) MIN 0.200(0.008) MIN 10 14 0.450(0.018) 0.750(0.030) 1. 000(0.039) REF 0 8 DETAIL A ° ° ° ° Note: Eject hole, oriented hole and mold mark is optional. 0.200(0.008) or 1.480(0.058) 0.280(0.011) or 1.610(0.063) 0.100(0.004) 0.150(0.006) 0.100(0.004) 0.190(0.007) 0.200(0.008) or 1.470(0.058) 0.240(0.009) or 1.570(0.062) BASE METAL Mechanical Dimensions (Continued) HTSSOP-14 Unit: mm(inch) Φ Φ |