| データシートサーチシステム |
|
NCSS12-R004TRF データシート(PDF) 3 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NCSS12-R004TRF データシート(HTML) 3 Page - NIC-Components Corp. |
|
3 / 6 page ![]() 3 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Part Number Resistance Value (m Ω) Available Power Ratings Available Tolerance Available TCR NCSS25C _ R025TRF 25 1W (C) ±1% (F), ±2% (G), ±5% (J) ±75ppm NCSS25C _ R030TRF 30 1W (C) ±1% (F), ±2% (G), ±5% (J) ±75ppm NCSS25C _ R033TRF 33 1W (C) ±1% (F), ±2% (G), ±5% (J) ±75ppm NCSS25C _ R035TRF 35 1W (C) ±1% (F), ±2% (G), ±5% (J) ±75ppm NCSS25C _ R040TRF 40 1W (C) ±1% (F), ±2% (G), ±5% (J) ±75ppm NCSS25C _ R050TRF 50 1W (C) ±1% (F), ±2% (G), ±5% (J) ±75ppm Current Sensing Chip Resistors NCSS Series NCSS25 (1W and 2W, 2512 CASE SIZE) AVAILABLE VALUES Temperature °C Power Derating Curve: For operation above 70°C, power rating must be derated according to the following chart: -55 +70 +170 100% 60% 80% 20% 40% *Insert appropriate power rating and tolerance codes, Contact NIC regarding availability of other values PART NUMBER SYSTEM NCSS 10 * * R005 TR F RoHS compliant Packaging: TR = Tape & Reel Resistance Code: See Values Tables Tolerance Code: J = 5%, G = 2%, F = 1% Power Rating Code: 1/8W = B, 1/4W = A, 1/2W = S, 1W = C, 1.5W = D, 2W = E Case Size Code: 10 = 0805, 12 = 1206, 20 = 2010, 25 = 2512 Series |