| データシートサーチシステム |
|
NCSS12-R012TRF データシート(PDF) 6 Page - NIC-Components Corp. |
|
|
|||||||||||||||||||||||||||||
NCSS12-R012TRF データシート(HTML) 6 Page - NIC-Components Corp. |
|
6 / 6 page ![]() 6 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Current Sensing Chip Resistors NCSS Series D 0 P 1 K A P D1 Case Size AB K P P 1 EF D 0 D 1 W Quantity per Reel 2010 2.8 ± 0.2 5.3 ± 0.2 0.85 ± 0.15 4.0 ± 0.05 4.0 ± 0.1 1.75 ± 0.1 5.5 ± 0.05 1.5 ± 0.1 1.5 min. 12.0 ± 0.2 4,000 2512 3.6 +02/ -0.18 6.9 ± 0.2 0.85 ± 0.15 4.0 ± 0.05 4.0 ± 0.1 1.75 ± 0.1 5.5 ± 0.05 1.5 +0.1/ -0 1.5 min. 12.0 ± 0.2 4,000 EMBOSSED PLASTIC TAPE DIMENSIONS (mm) Case Size AB K P P 1 EF D 0 W Quantity per Reel 0805 1.6 ± 0.15 2.4 ± 0.2 0.84 ± 0.1 4.0 ± 0.1 4.0 ± 0.1 1.75 ± 0.1 3.5 ± 0.05 1.5 +0.1/ -0 8.0 ± 0.2 5,000 1206 2.0 ± 0.15 3.6 ± 0.2 0.84 ± 0.1 4.0 ± 0.1 4.0 ± 0.1 1.75 ± 0.1 3.5 ± 0.05 1.5 +0.1/ -0 8.0 ± 0.2 5,000 PAPER TAPE DIMENSIONS (mm) D 0 P 1 K A P Bottom Tape Top Tape |