データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S201 データシート(PDF) 3 Page - C&K Components

部品番号 S201
部品情報  Slide Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

S201 データシート(HTML) 3 Page - C&K Components

  S201 Datasheet HTML 1Page - C&K Components S201 Datasheet HTML 2Page - C&K Components S201 Datasheet HTML 3Page - C&K Components S201 Datasheet HTML 4Page - C&K Components S201 Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
I–30
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
I
S Series
Slide Switches
DETENT
MOUNTING STYLE
PANEL MOUNTING
PANEL THICKNESS:
.020(0,57)–.200(5,08)
PANEL MOUNTING
S2 SNAP-IN PANEL
SS PANEL WITH MOUNTING EARS
2 WITHOUT DETENT
1 WITH DETENT
MS PC THRU-HOLE
S202031SS03Q
DPDT
S202031MS02Q
DPDT
S802C21S207Q
DPDT
Standard with all maintained models: S101, S102, S201, S202, S602, S701, S702, and S802.
Standard with all momentary models: S112.
AVAILABLE WITH:
Models: S101, S102, S112,
S201, S202 and S602
Terminations: All except 08
Actuators: 03, 04, 09, 12*
and 13*.
*12 and 13 actuators not
available with S1XX models.
AVAILABLE WITH:
Models: S101, S102, S112,
S201, S202, S602
Terminations: 02, 04 and 08
Actuators: 03, 04, 09, 12* and 13*
*12 and 13 actuators available with
S201, S202 and S602 models only.
PC MOUNTING
For mounting information, see
TERMINATIONS section, page I-31.
AVAILABLE WITH:
Models: S701, S702,
and S802
Terminations: 04, 07, 57 and WC
Actuators: C2, C3, C5 and 03



Html Pages

1 2 3 4 5