| データシートサーチシステム |
|
AX200090 データシート(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AX200090 データシート(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 35 page ![]() COMMERCIAL NETWORKING — OPT IC AL FIBE R 16.3 For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com Fiber Express Cables Distribution & Breakout Cable Series 16.20– ●● Multimode and Single-mode 16.23 Interconnect Cable Series 16.19 ● Multimode and Single-mode Loose Tube (Campus) Cable Series 16.27– ●● MM, SM, Composite MM/SM 16.34 Ribbon Cable Series 16.26 ●●●● Multimode and Single-mode Cross-Connect Hardware in the Telecom Room Fiber Express Manager with 16.11 Fiber Express Manager Connector Modules ●●●● Multimode and Single-mode Fiber Express Rack Mount Patch Panel 16.12 with Universal Adapter Strips ●● ● Multimode and Single-mode Fiber Express Wall Mount Patch Panel 16.13 with Universal Adapter Strips ●● ● Multimode and Single-mode Fiber Express Bar: 16.8 ●●●● Multimode and Single-mode Patch Cords in the Telecom Room and at the Work Area Fiber Express Patch Cords: 16.6 ●●●● Multimode and Single-mode Outlets at the Work Area MDVO® Multimedia Outlets 16.16 ● with MDVO Multimedia Modules MediaFlex® Outlets 16.15 ● with MediaFlex Multimedia Inserts Fiber Express Bar 16.8 ●● Multimode and Single-mode (as MUTOA) Fiber Connectivity Optimax® Connectors 16.4 ●● ● Multimode and Single-mode Epoxy Field Mountable Connectors 16.5 ●● ● Multimode and Single-mode Fiber Pigtails 16.8 ●● ● Multimode and Single-mode MM = Multimode • SM = Single-mode *Fiber Express Pre-terminated Solutions provide simple-to-install, high-performance fiber channels through custom length, high precision factory terminated cables and matching optical connectivity components. Fiber Express® System Matrix Page No. Fiber-to-the-Desk (FTTD) and Centralized Fiber Fiber Backbone (In-Building) Fiber Backbone (Campus) Fiber Express Pre-Terminated Solutions* Fiber Channel Topology |