| データシートサーチシステム |
|
FM4006W-W-S-R01 データシート(PDF) 1 Page - Rectron Semiconductor |
|
|
|||||||||||||||||||||||||||||
FM4006W-W-S-R01 データシート(HTML) 1 Page - Rectron Semiconductor |
|
1 / 7 page ![]() SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25OC ambient temperature unless otherwise specfied. FM4007W THRU FM4001W MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Ambient Temperatu re Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) SYMBOL VRRM VDC IFSM CJ TSTG VRMS UNITS Volts Volts Volts Amps 1.0 30 80 15 Amps 0 C/W 0 C/W 0 C Storage Temperature Range R q J A Typical Thermal Resistance (Note 1) 30 R q J L IO pF Operating Temperature Range TJ FM4001W 50 150 -55 to + 150 0 C FM4002W FM4003W FM4004W FM4005W FM4006W 100 200 400 600 35 70 140 280 420 50 100 200 400 600 FM4007W FM4001W FM4002W FM4003W FM4004W FM4005W FM4006W FM4007W 800 1000 800 1000 560 700 2009 REV: B -08 CHARACTERISTICS Maximum Average Reverse Current Maximum Full Load Reverse Current, Full cycle Average at T A=75 O C at Rated DC Blocking Voltage VF SYMBOL IR uA Maximum Instantaneous Forward Voltage at 1.0A DC Volts 5.0 uA 30 100 @TA = 25 oC @TA = 100 oC uA UNITS 1.1 NOTES : 1. Thermal Resistance :Mounted on PCB. 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. "Fully ROHS compliant","100% Sn plating (Pb-free)". FEATURES * Ideal for surface mounted applications * Low leakage current * Metallurgically bonded construction * Mounting position: Any * Epoxy : Device has UL flammability classification 94V-0 MECHANICAL DATA SMX Dimensions in inches and (millimeters) .209 (5.31) .185 (4.70) .091 (2.31) .067 (1.70) .110 (2.79) .086 (2.18) .011 (0.28) .007 (0.18) .180 (4.57) .160 (4.06) .059 (1.50) .035 (0.89) .071 (1.80) .051 (1.30) * Weight: 0.078 gram Typical Current Square Time I2T A2S 3.7 Resistive or inductive load. |
同様の部品番号 - FM4006W-W-S-R01 |
|
同様の説明 - FM4006W-W-S-R01 |