データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AE366 データシート(PDF) 1 Page - RFHIC

部品番号 AE366
部品情報  a drive or pre-drive amplifier designed in a low cost SOT-89 package.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFHIC [RFHIC]
ホームページ  http://www.rfhic.com
Logo RFHIC - RFHIC

AE366 データシート(HTML) 1 Page - RFHIC

  AE366_14 Datasheet HTML 1Page - RFHIC AE366_14 Datasheet HTML 2Page - RFHIC AE366_14 Datasheet HTML 3Page - RFHIC AE366_14 Datasheet HTML 4Page - RFHIC AE366_14 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
E-pHEMT MMIC
AE366
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 5
Version 1.2
Product Features
Applications
• 30 ~ 2200MHz
• GaAs E-pHEMT MMIC
• Higher linearity, Higher Gain
• Low Noise Figure
• High Max input power
• SOT-89 SMD Type package
• Higher productivity
• Lower manufacturing cost
• Pb Free / RoHS Standard
• Receiver IF Amplifier
• Cellular, GSM, RFID
• Base station
• RF Sub-system
• CATV, Tetra, Satellite system
Description
AE366 is a drive or pre-drive amplifier designed in a low cost SOT-89 package.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current and high IP3.
It is designed as driver devices for infrastructure equipment in the 30~2200MHz Wireless technologies such as IF, Cellular, GSM
System. The data in this spec sheet is valid only for 50ohm application.
Electrical Specifications
PARAMETER
UNIT
MIN
TYP
MAX
REMARK
Operating Frequency(fo)
MHz
30
-
1000
-
Small Signal Gain(S21)
dB
21.5
22.5
-
@ 100MHz
Input Return Loss(S11)
dB
-
-16
-
-
Output Return Loss(S22)
dB
-
-20
-
-
Output IP3(OIP3)
dBm
-
37.5
-
@ 100MHz
1dB Compression Point(P1dB)
dBm
19
22
-
Noise Figure(NF)
dB
-
1.6
2.2
-
DC Current
mA
-
90
-
-
Supply Voltage
V
-
5
-
-
Note
1. Test conditions unless otherwise noted. Freq=30~1000MHz, Vdd=+5V, T=25℃, 50Ω system
2. OIP3 measured with 2 tones at an output power of +10dBm/tone separated by 1MHz
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
CONDITION
Device Voltage
V
-
5
7
-
Operating Temperature
-40
-
85
-
Storage Temperature
-40
-
150
-
ESD Human Body Model
-
-
Class 1A
-
-
Moisture sensitivity Level
-
-
MSL1
-
-
Package Type : SOT-89


同様の部品番号 - AE366_14

メーカー部品番号データシート部品情報
logo
RFHIC
AE366 RFHIC-AE366 Datasheet
207Kb / 3P
E-pHEMT MMIC
More results

同様の説明 - AE366_14

メーカー部品番号データシート部品情報
logo
RFHIC
AE410 RFHIC-AE410 Datasheet
740Kb / 6P
drive or pre-drive amplifier designed in a low cost SOT-89 package
AE379 RFHIC-AE379 Datasheet
206Kb / 5P
drive or pre-drive amplifier designed in a low cost SOIC-8 package.
AE368 RFHIC-AE368 Datasheet
14Mb / 14P
a drive or pre-drive amplifier designed in a low cost SOIC-8 package.
AE367 RFHIC-AE367 Datasheet
820Kb / 12P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE362 RFHIC-AE362_14 Datasheet
695Kb / 9P
drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE305 RFHIC-AE305 Datasheet
723Kb / 11P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
AE314 RFHIC-AE314_14 Datasheet
19Mb / 13P
a drive or pre-drive amplifier designed in a low cost SOT-89 package.
logo
Foshan Blue Rocket Elec...
MCR100T FOSHAN-MCR100T Datasheet
727Kb / 6P
Thyristor in a SOT-89 Plastic Package
78L06T FOSHAN-78L06T Datasheet
700Kb / 6P
Voltage Regulator in a SOT-89 Plastic Package
78L09T FOSHAN-78L09T Datasheet
883Kb / 6P
Voltage Regulator in a SOT-89 Plastic Package
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com