データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XC2408-12 データシート(PDF) 2 Page - Torex Semiconductor

部品番号 XC2408-12
部品情報  1.6GHz ON/OFF Function LNA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOREX [Torex Semiconductor]
ホームページ  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2408-12 データシート(HTML) 2 Page - Torex Semiconductor

  XC2408-12 Datasheet HTML 1Page - Torex Semiconductor XC2408-12 Datasheet HTML 2Page - Torex Semiconductor XC2408-12 Datasheet HTML 3Page - Torex Semiconductor XC2408-12 Datasheet HTML 4Page - Torex Semiconductor XC2408-12 Datasheet HTML 5Page - Torex Semiconductor XC2408-12 Datasheet HTML 6Page - Torex Semiconductor XC2408-12 Datasheet HTML 7Page - Torex Semiconductor XC2408-12 Datasheet HTML 8Page - Torex Semiconductor XC2408-12 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
XC2408A816UR-G
■BLOCK DIAGRAM
* Diodes inside the circuit are an ESD protection diode.
■
PRODUCT CLASSIFICATION
●Ordering Information
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.
PRODUCT NAME
PACKAGE
ORDER UNIT
XC2408A816UR-G
(*1)
USP-8A01
3,000 / Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18